データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS201TE/ML データシート(PDF) 333 Page - Microchip Technology

部品番号 DSPIC33FJ06GS201TE/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML データシート(HTML) 333 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 329Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 330Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 331Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 332Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 336Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 331
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
Section 16.0 “Inter-Integrated
Circuit (I2C™)”
Removed the following sections, which are now available in the related
section of the dsPIC33F Family Reference Manual:
• 16.3 “I2C Interrupts”
• 16.4 “Baud Rate Generator” (retained Figure 16-1: I2C Block Diagram)
• 16.5 “I2C Module Addresses
• 16.6 “Slave Address Masking”
• 16.7 “IPMI Support”
• 16.8 “General Call Address Support”
• 16.9 “Automatic Clock Stretch”
• 16.10 “Software Controlled Clock Stretching (STREN = 1)”
• 16.11 “Slope Control”
• 16.12 “Clock Arbitration”
• 16.13 “Multi-Master Communication, Bus Collision, and Bus Arbitration
Section 17.0 “Universal
Asynchronous Receiver Transmitter
(UART)”
Removed the following sections, which are now available in the related
section of the dsPIC33F Family Reference Manual:
• 17.1 “UART Baud Rate Generator”
• 17.2 “Transmitting in 8-bit Data Mode
• 17.3 “Transmitting in 9-bit Data Mode
• 17.4 “Break and Sync Transmit Sequence”
• 17.5 “Receiving in 8-bit or 9-bit Data Mode”
• 17.6 “Flow Control Using UxCTS and UxRTS Pins”
• 17.7 “Infrared Support”
Removed IrDA references and Note 1, and updated the bit and bit value
descriptions for UTXINV (UxSTA<14>) in the UARTx Status and Control
Register (see Register 17-2).
Section 18.0 “High-Speed 10-bit
Analog-to-Digital Converter (ADC)”
Updated bit value information for A/D Control Register (see Register 18-1).
Updated TRGSRC6 bit value for Timer1 period match in the A/D Convert
Pair Control Register 3 (see Register 18-8).
TABLE A-1:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More