データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ06GS201TE/ML データシート(PDF) 337 Page - Microchip Technology

部品番号 DSPIC33FJ06GS201TE/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ06GS201TE/ML データシート(HTML) 337 Page - Microchip Technology

Back Button DSPIC33FJ06GS201TE/ML Datasheet HTML 333Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 334Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 335Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 336Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 337Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 338Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 339Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 340Page - Microchip Technology DSPIC33FJ06GS201TE/ML Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 346 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70318D-page 335
dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04
Section 24.0 “Electrical
Characteristics”
Updated Typical values for Thermal Packaging Characteristics (see
Table 24-3).
Updated Min and Max values for parameter DC12 (RAM Data Retention
Voltage) and added Note 4 (see Table 24-4).
Updated Characteristics for I/O Pin Input Specifications (see Table 24-9).
Added ISOURCE to I/O Pin Output Specifications (see Table 24-10).
Updated Program Memory values for parameters 136, 137, and 138
(renamed to 136a, 137a, and 138a), added parameters 136b, 137b, and
138b, and added Note 2 (see Table 24-12).
Added parameter OS42 (GM) to the External Clock Timing Requirements
(see Table 24-16).
Updated Conditions for symbol TPDLY (Tap Delay) and added symbol ACLK
(PWM Input Clock) to the High-Speed PWM Module Timing Requirements
(see Table 24-29).
Updated parameters AD01 and AD02 in the 10-bit High-Speed A/D Module
Specifications (see Table 24-36).
Updated parameters AD50b, AD55b, and AD56b, and removed parameters
AD57b and AD60b from the 10-bit High-Speed A/D Module Timing
Requirements (see Table 24-37).
TABLE A-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More