| データシートサーチシステム |
|
DSPIC33FJ06GS201TE/ML データシート(PDF) 334 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ06GS201TE/ML データシート(HTML) 334 Page - Microchip Technology |
|
334 / 346 page ![]() dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 DS70318D-page 332 Preliminary © 2009 Microchip Technology Inc. Section 23.0 “Electrical Characteristics” Updated Typ values for Thermal Packaging Characteristics (Table 23-3). Removed Typ value for DC Temperature and Voltage Specifications parameter DC12 (Table 23-4). Updated all Typ values and conditions for DC Characteristics: Operating Current (IDD), updated last sentence in Note 2 (Table 23-5). Updated all Typ values for DC Characteristics: Idle Current (IIDLE) (see Table 23-6). Updated all Typ values for DC Characteristics: Power Down Current (IPD) (see Table 23-7). Updated all Typ values for DC Characteristics: Doze Current (IDOZE) (see Table 23-8). Added Note 4 (reference to new table containing digital-only and analog pin information, as well as Current Sink/Source capabilities) in the I/O Pin Input Specifications (Table 23-9). Updated Max value for BOR electrical characteristics parameter BO10 (see Table 23-11). Swapped Min and Typ values for Program Memory parameters D136 and D137 (Table 23-12). Updated Typ values for Internal RC Accuracy parameter F20 and added Extended temperature range to table heading (see Table 23-19). Removed all values for Reset, Watchdog Timer, Oscillator Start-up Timer, and Power-up Timer parameter SY20 and updated conditions, which now refers to Section 20.4 “Watchdog Timer (WDT)” and LPRC parameter F21 (see Table 23-22). Added specifications to High-Speed PWM Module Timing Requirements for Tap Delay (Table 23-29). Updated Min and Max values for 10-bit High-Speed A/D Module parameters AD01 and AD11 (see Table 23-36). Updated Max value and unit of measure for DAC AC Specification (see Table 23-40). TABLE A-1: MAJOR SECTION UPDATES (CONTINUED) Section Name Update Description |