データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM3725CBC データシート(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM3725CBC
部品情報  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC データシート(HTML) 36 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 32Page - Texas Instruments DM3725CBC Datasheet HTML 33Page - Texas Instruments DM3725CBC Datasheet HTML 34Page - Texas Instruments DM3725CBC Datasheet HTML 35Page - Texas Instruments DM3725CBC Datasheet HTML 36Page - Texas Instruments DM3725CBC Datasheet HTML 37Page - Texas Instruments DM3725CBC Datasheet HTML 38Page - Texas Instruments DM3725CBC Datasheet HTML 39Page - Texas Instruments DM3725CBC Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-1. Ball Characteristics (CBP Pkg.)(3) (continued)
BALL
BALL
BALL
RESET
BUFFER
PULLUP
BALL TOP
RESET
IO CELL
BOTTOM
PIN NAME [2]
MODE [3]
TYPE [4]
RESET
REL. MODE POWER [8] HYS [9]
STRENGTH /DOWN
[1]
REL.
[12]
[1]
STATE [5]
[7]
(mA) [10]
TYPE [11]
STATE [6]
cam_shutter
2
O
gpio_160
4
IO
uart1_cts
5
I
safe_mode
7
K26
NA
mcbsp1_fsx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcspi4_cs0
1
IO
mcbsp3_fsx
2
IO
gpio_161
4
IO
safe_mode
7
W21
NA
mcbsp1_clkx
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
mcbsp3_clkx
2
IO
gpio_162
4
IO
safe_mode
7
H18
NA
uart3_cts_rctx
0
IO
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_163
4
IO
safe_mode
7
H19
NA
uart3_rts_sd
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_164
4
IO
safe_mode
7
H20
NA
uart3_rx_irrx
0
I
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_165
4
IO
safe_mode
7
H21
NA
uart3_tx_irtx
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_166
4
IO
safe_mode
7
T28
NA
hsusb0_clk
0
I
L
L
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_120
4
IO
safe_mode
7
T25
NA
hsusb0_stp
0
O
H
H
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_121
4
IO
safe_mode
7
R28
NA
hsusb0_dir
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_122
4
IO
safe_mode
7
T26
NA
hsusb0_nxt
0
I
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
gpio_124
4
IO
safe_mode
7
T27
NA
hsusb0_data0
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_tx_irtx
2
O
gpio_125
4
IO
uart2_tx
5
O
safe_mode
7
U28
NA
hsusb0_data1
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rx_irrx
2
I
gpio_130
4
IO
uart2_rx
5
I
safe_mode
7
U27
NA
hsusb0_data2
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_rts_sd
2
O
gpio_131
4
IO
uart2_rts
5
O
safe_mode
7
U26
NA
hsusb0_data3
0
IO
L
L
7
vdds
Yes
4
PU/ PD
LVCMOS
uart3_cts_rctx
2
IO
36
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More