| データシートサーチシステム |
|
DM3725CBC データシート(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC データシート(HTML) 62 Page - Texas Instruments |
|
62 / 280 page ![]() DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued) BALL BALL TOP PIN NAME [2] MODE [3] TYPE [4] BALL BALL RESET RESET POWER [8] HYS [9] BUFFER PULLUP IO CELL BOTTOM [1] RESET REL. STATE REL. MODE STRENGTH /DOWN [12] [1] STATE [5] [6] [7] (mA) [10] TYPE [11] A6, A8, A13, A7, A13, vss 0 GND - - - - - - - - AB5, AB22, B14, C1, F1, AC10, F20, H2, AD14, H20, L21, AD25, AE7, M2, P20, B2, B25, R2, W20 Y6, C12, D7, Y11, AA7, D10, D12, AA16 D14, D18, D20, E22, G1, G8, G10, G20, G23, H4, K1, K15, K25, L10, L17, L23, N4, N10, N17, R1, R4, R17, T23, U25, W1, W4, W23, Y7, Y10, Y16, Y26 K14 NA cap_vddu_wkup_log 0 PWR - - - - - - - - ic A1, L1, T2, A1, J1, N2, Feed-Through - - - - - - - - - - Y2, AE2, T2, W2, Y2, Pins (4) AF4, AF5, AA6, Y7, AF8, AF10, Y9, AA10, AF12, AF13, AA11, AF14, AF15, AA12, AF17, AF16, AA13, Y14, A20, AF21, AA14, B16, AF18, AF24, Y17, AA17, AF22, A25, Y19, AA19, AE25, AF25, A20, Y20, A26, B26, AA20, A21, K26, U26, B21, H21, AE26, AF26 P21, Y21, AA21 62 TERMINAL DESCRIPTION Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |