データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM3725CBC データシート(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM3725CBC
部品情報  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DM3725CBC データシート(HTML) 84 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 80Page - Texas Instruments DM3725CBC Datasheet HTML 81Page - Texas Instruments DM3725CBC Datasheet HTML 82Page - Texas Instruments DM3725CBC Datasheet HTML 83Page - Texas Instruments DM3725CBC Datasheet HTML 84Page - Texas Instruments DM3725CBC Datasheet HTML 85Page - Texas Instruments DM3725CBC Datasheet HTML 86Page - Texas Instruments DM3725CBC Datasheet HTML 87Page - Texas Instruments DM3725CBC Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-4. Multiplexing Characteristics (continued)
CBP
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE
7
Bottom
Top
Bottom
Top
R1
AC4
U2
P2
R3
gpmc_d11
gpio_47
safe_mo
de
R2
AB6
U1
P1
T3
gpmc_d12
gpio_48
safe_mo
de
T2
AC6
P1
M1
U2
gpmc_d13
gpio_49
safe_mo
de
W1
AB7
L2
J2
V1
gpmc_d14
gpio_50
safe_mo
de
Y1
AC7
M2
K2
V2
gpmc_d15
gpio_51
safe_mo
de
G4
Y2
AD8
AA8
E2
gpmc_ncs0
H3
Y1
AD1
W1
NA
gpmc_ncs1
gpio_52
safe_mo
de
V8
NA
A3
NA
NA
gpmc_ncs2
gpio_53
safe_mo
de
U8
NA
B6
NA
D2
gpmc_ncs3
sys_ndmareq
gpio_54
safe_mo
0
de
T8
NA
B4
NA
F4
gpmc_ncs4
sys_ndmareq mcbsp4_clkx
gpt_9_pwm gpio_55
safe_mo
1
_evt
de
R8
NA
C4
NA
G5
gpmc_ncs5
sys_ndmareq mcbsp4_dr
gpt_10_pw
gpio_56
safe_mo
2
m_evt
de
P8
NA
B5
NA
F3
gpmc_ncs6
sys_ndmareq mcbsp4_dx
gpt_11_pw
gpio_57
safe_mo
3
m_evt
de
N8
NA
C5
NA
G4
gpmc_ncs7
gpmc_io_dir
mcbsp4_fsx
gpt_8_pwm gpio_58
safe_mo
_evt
de
T4
W2
N1
L1
W2
gpmc_clk
gpio_59
safe_mo
de
F3
W1
AD10
AA9
F1
gpmc_nadv_a
le
G2
V2
N2
L2
F2
gpmc_noe
F4
V1
M1
K1
G3
gpmc_nwe
G3
AC12
K2
NA
K5
gpmc_nbe0_c
gpio_60
safe_mo
le
de
U3
NA
J1
NA
L1
gpmc_nbe1
gpio_61
safe_mo
de
H1
AB10
AC6
Y5
E1
gpmc_nwp
gpio_62
safe_mo
de
M8
AB12
AC11
Y10
C1
gpmc_wait0
L8
AC10
AC8
Y8
NA
gpmc_wait1
gpio_63
safe_mo
de
K8
NA
B3
NA
NA
gpmc_wait2
uart4_tx
gpio_64
safe_mo
de
J8
NA
C6
NA
C2
gpmc_wait3
sys_ndmareq uart4_rx
(3)
gpio_65
safe_mo
1
de
D28
NA
G25
NA
G22
dss_pclk
gpio_66
hw_dbg12
safe_mo
de
D26
NA
K24
NA
E22
dss_hsync
gpio_67
hw_dbg13
safe_mo
de
D27
NA
M25
NA
F22
dss_vsync
gpio_68
safe_mo
de
E27
NA
F26
NA
J21
dss_acbias
gpio_69
safe_mo
de
AG22
NA
AE21
NA
AC19
dss_data0
uart1_cts
gpio_70
safe_mo
de
AH22
NA
AE22
NA
AB19
dss_data1
uart1_rts
gpio_71
safe_mo
de
AG23
NA
AE23
NA
AD20
dss_data2
gpio_72
safe_mo
de
AH23
NA
AE24
NA
AC20
dss_data3
gpio_73
safe_mo
de
AG24
NA
AD23
NA
AD21
dss_data4
uart3_rx_irrx
gpio_74
safe_mo
de
AH24
NA
AD24
NA
AC21
dss_data5
uart3_tx_irtx
gpio_75
safe_mo
de
E26
NA
G26
NA
D24
dss_data6
uart1_tx
gpio_76
hw_dbg14
safe_mo
de
84
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More