| データシートサーチシステム |
|
DM3725CBC データシート(PDF) 120 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DM3725CBC データシート(HTML) 120 Page - Texas Instruments |
|
120 / 280 page ![]() DM3730, DM3725 SPRS685D – AUGUST 2010 – REVISED JULY 2011 www.ti.com Table 3-4. Recommended Operating Conditions (continued) PARAMETER DESCRIPTION MIN NOM MAX UNIT vdda_dpll_per Supply voltage for DPLLs (peripherals) 1.71 1.80 1.91 V Maximum Noise (peak-peak) 50 mVPP For any frequency vssa_dac Ground for video buffers and DAC 0 V vss Main ground 0 V TJ Operating junction temperature Commercial 0 90 °C range Temperature Industrial Temperature -40 90 Extended Temperature -40 105 (1) See Section 4.3.4, Processor Clocks. OPP voltage values may change following the silicon characterization result. 120 Electrical Characteristics Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): DM3730 DM3725 |