| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 200 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 200 Page - Microchip Technology |
|
200 / 384 page ![]() Receiving Address ACK Receiving Data ACK Receiving Data ACK = 1 A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDAx SCLx SSPxIF BF SSPOV 1 2 3 4 56 78 1 2 3 4 56 78 1 2 3 4 56 78 9 9 9 ACK is not sent. SSPOV set because SSPxBUF is still full. Cleared by software First byte of data is available in SSPxBUF SSPxBUF is read SSPxIF set on 9th falling edge of SCLx Cleared by software P Bus Master sends Stop condition S From Slave to Master |