データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1508TESSQTO データシート(PDF) 203 Page - Microchip Technology

部品番号 PIC16F1508TESSQTO
部品情報  20-Pin Flash, 8-Bit Microcontrollers with nanoWatt XLP Technology
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1508TESSQTO データシート(HTML) 203 Page - Microchip Technology

Back Button PIC16F1508TESSQTO Datasheet HTML 199Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 200Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 201Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 202Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 203Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 204Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 205Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 206Page - Microchip Technology PIC16F1508TESSQTO Datasheet HTML 207Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 384 page
background image
Receiving Address
Receive Data
Receive Data
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDAx
SCLx
SSPxIF
BF
ACKDT
CKP
S
P
ACK
S
12 34 56 7 8
9
12 3 45 6 7 8
9
12 34 5 6 7 8
9
ACK
ACK
Cleared by software
ACKTIM is cleared by hardware
SSPxBUF can be
Set by software,
read any time before
next byte is loaded
release SCLx
on 9th rising edge of SCLx
Received
address is loaded into
SSPxBUF
Slave software clears
ACKDT to ACK
R/W = 0
Master releases
SDAx to slave for ACK sequence
the received byte
When AHEN = 1;
on the 8th falling edge
of SCLx of an address
byte, CKP is cleared
ACKTIM is set by hardware
on 8th falling edge of SCLx
When DHEN = 1;
on the 8th falling edge
of SCLx of a received
data byte, CKP is cleared
Received data is
available on SSPxBUF
Slave sends
not ACK
CKP is not cleared
if not ACK
P
Master sends
Stop condition
No interrupt after
if not ACK
from Slave
ACKTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More