| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 209 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 209 Page - Microchip Technology |
|
209 / 384 page ![]() SSPxIF Receive First Address Byte ACK Receive Second Address Byte ACK Receive Data ACK Receive Data ACK 1 1 1 1 0 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 SDAx SCLx UA CKP 1 2 34 5 6 78 91 2 3 4 5 6 7 8 91 2 3 4 5 6 7 8 9 1 2 34 5 6 78 9 P Master sends Stop condition Cleared by software Receive address is Software updates SSPxADD Data is read SCLx is held low Set by software, while CKP = 0 from SSPxBUF releasing SCLx When SEN = 1; CKP is cleared after 9th falling edge of received byte read from SSPxBUF and releases SCLx When UA = 1; If address matches Set by hardware on 9th falling edge SSPxADD it is loaded into SSPxBUF SCLx is held low S BF |