| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 207 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 207 Page - Microchip Technology |
|
207 / 384 page ![]() Receiving Address Automatic Transmitting Data Automatic Transmitting Data A7 A6 A5 A4 A3 A2 A1 D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 1 2 3 4 5 6 7 8 9 SDAx SCLx SSPxIF BF ACKDT ACKSTAT CKP R/W D/A Received address is read from SSPxBUF BF is automatically cleared after 8th falling edge of SCLx Data to transmit is loaded into SSPxBUF Cleared by software Slave clears ACKDT to ACK address Master’s ACK response is copied to SSPxSTAT CKP not cleared after not ACK Set by software, releases SCLx ACKTIM is cleared on 9th rising edge of SCLx ACKTIM is set on 8th falling edge of SCLx When AHEN = 1; CKP is cleared by hardware after receiving matching address. When R/W = 1; CKP is always cleared after ACK S P Master sends Stop condition ACK R/W = 1 Master releases SDAx to slave for ACK sequence ACK ACK ACKTIM |