| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 351 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 351 Page - Microchip Technology |
|
351 / 384 page ![]() 2011 Microchip Technology Inc. Preliminary DS41609A-page 351 PIC16(L)F1508/9 FIGURE 29-14: SPI MASTER MODE TIMING (CKE = 0, SMP = 0) FIGURE 29-15: SPI MASTER MODE TIMING (CKE = 1, SMP = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In LSb In bit 6 - - - -1 Note: Refer to Figure 29-4 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP81 SP71 SP72 SP74 SP75, SP76 SP78 SP80 MSb SP79 SP73 MSb In bit 6 - - - - - -1 LSb In bit 6 - - - -1 LSb Note: Refer to Figure 29-4 for load conditions. |