| データシートサーチシステム |
|
PIC16F1508TESSQTO データシート(PDF) 352 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1508TESSQTO データシート(HTML) 352 Page - Microchip Technology |
|
352 / 384 page ![]() PIC16(L)F1508/9 DS41609A-page 352 Preliminary 2011 Microchip Technology Inc. FIGURE 29-16: SPI SLAVE MODE TIMING (CKE = 0) FIGURE 29-17: SPI SLAVE MODE TIMING (CKE = 1) SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP73 SP74 SP75, SP76 SP77 SP78 SP79 SP80 SP79 SP78 MSb LSb bit 6 - - - - - -1 MSb In bit 6 - - - -1 LSb In SP83 Note: Refer to Figure 29-4 for load conditions. SS SCK (CKP = 0) SCK (CKP = 1) SDO SDI SP70 SP71 SP72 SP82 SP74 SP75, SP76 MSb bit 6 - - - - - -1 LSb SP77 MSb In bit 6 - - - -1 LSb In SP80 SP83 Note: Refer to Figure 29-4 for load conditions. |