| データシートサーチシステム |
|
AX250 データシート(PDF) 252 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 データシート(HTML) 252 Page - Microsemi Corporation |
|
252 / 262 page ![]() Package Pin Assignments 3- 12 6 R ev isio n 1 8 IO310NB7F29 N10 IO310PB7F29 N9 IO311NB7F29 K1 IO311PB7F29 L1 IO313NB7F29 M5 IO316NB7F29 L6 IO316PB7F29 L5 IO317NB7F29 K2 IO317PB7F29 L2 IO318NB7F29 K4 IO318PB7F29 L4 IO320NB7F29 J3 IO321NB7F30 J2 IO321PB7F30 J1 IO323NB7F30 L7 IO323PB7F30 M7 IO324NB7F30 M9 IO324PB7F30 M8 IO327NB7F30 F1 IO327PB7F30 G1 IO328NB7F30 K7 IO328PB7F30 K6 IO329NB7F30 D1 IO329PB7F30 E1 IO331PB7F30 G2 IO332NB7F31 H3 IO332PB7F31 H2 IO333NB7F31 E2 IO333PB7F31 F2 IO334NB7F31 H4 IO334PB7F31 J4 IO335NB7F31 H5 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. IO335PB7F31 H6 IO337NB7F31 D2 IO338NB7F31 J6 IO338PB7F31 J5 IO339NB7F31 F3 IO339PB7F31 E3 IO340NB7F31 G4* IO340PB7F31 G3* IO341NB7F31 K8 IO341PB7F31 L8 Dedicated I/O GND K5 GND A18 GND A2 GND A24 GND A25 GND A8 GND AA10 GND AA16 GND AA18 GND AA21 GND AA5 GND AB22 GND AB4 GND AC10 GND AC16 GND AC23 GND AC3 GND AD1 GND AD2 GND AD24 GND AD25 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. GND AE1 GND AE18 GND AE2 GND AE24 GND AE25 GND AE8 GND B1 GND B2 GND B24 GND B25 GND C10 GND C16 GND C23 GND C3 GND D22 GND D4 GND E10 GND E16 GND E21 GND E5 GND E8 GND H1 GND H21 GND H25 GND K21 GND K23 GND K3 GND L11 GND L12 GND L13 GND L14 GND L15 CG624 AX2000 Function Pin Number Note: *Not routed on the same package layer and to adjacent LGA pads as its differential pair complement. Recommended to be used as a single-ended I/O. |