| データシートサーチシステム |
|
AX250 データシート(PDF) 132 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX250 データシート(HTML) 132 Page - Microsemi Corporation |
|
132 / 262 page ![]() Package Pin Assignments 3- 6 R ev isio n 1 8 IO218PB6F20 V2 IO219NB6F20 T1 IO219PB6F20 U1 IO220NB6F20 R5 IO220PB6F20 R6 IO221NB6F20 T3 IO221PB6F20 T4 IO222NB6F20 R2 IO222PB6F20 T2 IO223NB6F20 P8 IO223PB6F20 P9 IO224NB6F20 R3 IO224PB6F20 R4 Bank 7 IO225NB7F21 P1 IO225PB7F21 R1 IO226NB7F21 P3 IO226PB7F21 P2 IO227NB7F21 N7 IO227PB7F21 P7 IO228NB7F21 P5 IO228PB7F21 P4 IO229NB7F21 N2 IO229PB7F21 N1 IO230NB7F21 N6 IO230PB7F21 P6 IO231NB7F21 N9 IO231PB7F21 N8 IO232NB7F21 N4 IO232PB7F21 N3 IO233NB7F21 M2 IO233PB7F21 M1 IO234NB7F21 M4 IO234PB7F21 M3 IO235NB7F21 M5 IO235PB7F21 N5 IO236NB7F22 L2 BG729 AX1000 Function Pin Number IO236PB7F22 L1 IO237NB7F22 L4 IO237PB7F22 L3 IO238NB7F22 L6 IO238PB7F22 M6 IO239NB7F22 M8 IO239PB7F22 M7 IO240NB7F22 K2 IO240PB7F22 K1 IO241NB7F22 K4 IO241PB7F22 K3 IO242NB7F22 K5 IO242PB7F22 L5 IO243NB7F22 J2 IO243PB7F22 J1 IO244NB7F22 J4 IO244PB7F22 J3 IO245NB7F22 H2 IO245PB7F22 H1 IO246NB7F22 H4 IO246PB7F22 H3 IO247NB7F23 L8 IO247PB7F23 L7 IO248NB7F23 J6 IO248PB7F23 K6 IO249NB7F23 H5 IO249PB7F23 J5 IO250NB7F23 G2 IO250PB7F23 G1 IO251NB7F23 K8 IO251PB7F23 K7 IO252NB7F23 G4 IO252PB7F23 G3 IO253NB7F23 F2 IO253PB7F23 F1 IO254NB7F23 G6 IO254PB7F23 H6 BG729 AX1000 Function Pin Number IO255NB7F23 F5 IO255PB7F23 G5 IO256NB7F23 F3 IO256PB7F23 F4 IO257NB7F23 H7 IO257PB7F23 J7 Dedicated I/O GND A1 GND A2 GND A25 GND A26 GND A27 GND A3 GND AC24 GND AE1 GND AE2 GND AE25 GND AE26 GND AE27 GND AE3 GND AE5 GND AF1 GND AF2 GND AF25 GND AF26 GND AF27 GND AF3 GND AG1 GND AG2 GND AG25 GND AG26 GND AG27 GND AG3 GND B1 GND B2 GND B25 GND B26 BG729 AX1000 Function Pin Number |