| データシートサーチシステム |
|
AM79C960KCW データシート(PDF) 37 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KCW データシート(HTML) 37 Page - Advanced Micro Devices |
|
37 / 127 page ![]() P R E L I M I N A R Y AMD 1-379 Am79C960 scriptor. In any case, lookahead will be performed to the third buffer and the information gathered will be stored in the chip, regardless of the state of the ownership bit. As in the transmit flow, lookahead operations are per- formed only once. This activity continues until the PCnet-ISA controller recognizes the completion of the packet (the last byte of this receive message has been removed from the FIFO). The PCnet-ISA controller will subsequently update the current RDTE status with the end of packet (ENP) indication set, write the message byte count (MCNT) of the complete packet into RMD2 and over- write the “current” entries in the CSRs with the “next” entries. Media Access Control The Media Access Control engine incorporates the es- sential protocol requirements for operation of a compliant Ethernet/802.3 node, and provides the inter- face between the FIFO sub-system and the Manchester Encoder/Decoder (MENDEC). The MAC engine is fully compliant to Section 4 of ISO/ IEC 8802-3 (ANSI/IEEE Standard 1990 Second Edition) and ANSI/IEEE 802.3 (1985). The MAC engine provides programmable enhanced features designed to minimize host supervision and pre or post-message processing. These features include the ability to disable retries after a collision, dynamic FCS generation on a packet-by-packet basis, and auto- matic pad field insertion and deletion to enforce minimum frame size attributes. The two primary attributes of the MAC engine are: s Transmit and receive message data encapsulation — Framing (frame boundary delimitation, frame synchronization) — Addressing (source and destination address handling) — Error detection (physical medium transmission errors) s Media access management — Medium allocation (collision avoidance) — Contention resolution (collision handling) Transmit And Receive Message Data Encapsulation The MAC engine provides minimum frame size enforce- ment for transmit and receive packets. When APAD_XMT = 1 (bit 11 in CSR4), transmit messages will be padded with sufficient bytes (containing 00h) to ensure that the receiving station will observe an infor- mation field (destination address, source address, length/type, data and FCS) of 64 bytes. When ASTRP_RCV = 1 (bit 10 in CSR4), the receiver will auto- matically strip pad bytes from the received message by observing the value in the length field, and stripping ex- cess bytes if this value is below the minimum data size (46 bytes). Both features can be independently over- ridden to allow illegally short (less than 64 bytes of packet data) messages to be transmitted and/ or received. Framing (Frame Boundary Delimitation, Frame Synchronization) The MAC engine will autonomously handle the con- struction of the transmit frame. Once the Transmit FIFO has been filled to the predetermined threshold (set by XMTSP in CSR80), and providing access to the channel is currently permitted, the MAC engine will commence the 7-byte preamble sequence (10101010b, where first bit transmitted is a 1). The MAC engine will subse- quently append the Start Frame Delimiter (SFD) byte (10101011b) followed by the serialized data from the Transmit FIFO. Once the data has been completed, the MAC engine will append the FCS (most significant bit first) which was computed on the entire data portion of the message. Note that the user is responsible for the correct ordering and content in each of the fields in the frame, including the destination address, source address, length/type and packet data. The receive section of the MAC engine will detect an in- coming preamble sequence and lock to the encoded clock. The internal MENDEC will decode the serial bit stream and present this to the MAC engine. The MAC will discard the first 8 bits of information before search- ing for the SFD sequence. Once the SFD is detected, all subsequent bits are treated as part of the frame. The MAC engine will inspect the length field to ensure mini- mum frame size, strip unnecessary pad characters (if enabled), and pass the remaining bytes through the Re- ceive FIFO to the host. If pad stripping is performed, the MAC engine will also strip the received FCS bytes, al- though the normal FCS computation and checking will occur. Note that apart from pad stripping, the frame will be passed unmodified to the host. If the length field has a value of 46 or greater, the MAC engine will not attempt to validate the length against the number of bytes con- tained in the message. If the frame terminates or suffers a collision before 64 bytes of information (after SFD) have been received, the MAC engine will automatically delete the frame from the Receive FIFO, without host intervention. Addressing (Source and Destination Address Handling) The first 6 bytes of information after SFD will be inter- preted as the destination address field. The MAC engine provides facilities for physical, logical, and broadcast address reception. In addition, multiple physical ad- dresses can be constructed (perfect address filtering) using external logic in conjunction with the EADI ™ interface. Error Detection (Physical Medium Transmission Errors) The MAC engine provides several facilities which report and recover from errors on the medium. In addition, the |