| データシートサーチシステム |
|
AM79C960KCW データシート(PDF) 38 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KCW データシート(HTML) 38 Page - Advanced Micro Devices |
|
38 / 127 page ![]() P R E L I M I N A R Y AMD 1-380 Am79C960 network is protected from gross errors due to inability of the host to keep pace with the MAC engine activity. On completion of transmission, the following transmit status is available in the appropriate TMD and CSR areas: s The exact number of transmission retry attempts (ONE, MORE, or RTRY) s Whether the MAC engine had to Defer (DEF) due to channel activity s Loss of Carrier, indicating that there was an interruption in the ability of the MAC engine to monitor its own transmission. Repeated LCAR errors indicate a potentially faulty transceiver or network connection. s Late Collision (LCOL) indicates that the transmission suffered a collision after the slot time. This is indicative of a badly configured network. Late collisions should not occur in a normal operating network. s Collision Error (CERR) indicates that the transceiver did not respond with an SQE Test message within the predetermined time after a transmission completed. This may be due to a failed transceiver, disconnected or faulty trans- ceiver drop cable, or the fact the transceiver does not support this feature (or the feature is disabled). In addition to the reporting of network errors, the MAC engine will also attempt to prevent the creation of any network error due to the inability of the host to service the MAC engine. During transmission, if the host fails to keep the Transmit FIFO filled sufficiently, causing an un- derflow, the MAC engine will guarantee the message is either sent as a runt packet (which will be deleted by the receiving station) or has an invalid FCS (which will also cause the receiver to reject the message). The status of each receive message is available in the appropriate RMD and CSR areas. FCS and Framing er- rors (FRAM) are reported, although the received frame is still passed to the host. The FRAM error will only be reported if an FCS error is detected and there are a non- integral number of bits in the message. The MAC engine will ignore up to seven additional bits at the end of a message (dribbling bits), which can occur under normal network operating conditions. The reception of eight ad- ditional bits will cause the MAC engine to de-serialize the entire byte, and will result in the received message and FCS being modified. The PCnet-ISA controller can handle up to 7 dribbling bits when a received packet terminates. During the re- ception, the CRC is generated on every serial bit (including the dribbling bits) coming from the cable, al- though the internally saved CRC value is only updated on the eighth bit (on each byte boundary). The framing error is reported to the user as follows: 1. If the number of the dribbling bits are 1 to 7 and there is no CRC error, then there is no Framing error (FRAM = 0). 2. If the number of the dribbling bits are less than 8 and there is a CRC error, then there is also a Framing error (FRAM = 1). 3. If the number of dribbling bits = 0, then there is no Framing error. There may or may not be a CRC (FCS) error. Counters are provided to report the Receive Collision Count and Runt Packet Count and used for network sta- tistics and utilization calculations. Note that if the MAC engine detects a received packet which has a 00b pattern in the preamble (after the first 8 bits, which are ignored), the entire packet will be ig- nored. The MAC engine will wait for the network to go inactive before attempting to receive the next packet. Media Access Management The basic requirement for all stations on the network is to provide fairness of channel allocation. The 802.3/Ethernet protocol defines a media access mecha- nism which permits all stations to access the channel with equality. Any node can attempt to contend for the channel by waiting for a predetermined time (Inter Packet Gap interval) after the last activity, before trans- mitting on the medium. The channel is a multidrop communications medium (with various topological con- figurations permitted) which allows a single station to transmit and all other stations to receive. If two nodes simultaneously contend for the channel, their signals will interact, causing loss of data (defined as a collision). It is the responsibility of the MAC to attempt to avoid and recover from a collision, to guarantee data integrity for the end-to-end transmission to the receiving station. Medium Allocation (Collision Avoidance) The IEEE 802.3 Standard (ISO/IEC 8802-3 1990) re- quires that the CSMA/CD MAC monitor the medium traffic by looking for carrier activity. When carrier is de- tected the medium is considered busy, and the MAC should defer to the existing message. The IEEE 802.3 Standard also allows optional two part deferral after a receive message. See ANSI/IEEE Std 802.3-1990 Edition, 4.2.3.2.1: “Note: It is possible for the PLS carrier sense indication to fail to be asserted during a collision on the media. If the deference process simply times the interpacket gap based on this indica- tion it is possible for a short interFrame gap to be generated, leading to a potential reception failure of a subsequent frame. To enhance sys- tem robustness the following optional measures, as specified in 4.2.8, are recom- |