| データシートサーチシステム |
|
AM79C960KCW データシート(PDF) 61 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C960KCW データシート(HTML) 61 Page - Advanced Micro Devices |
|
61 / 127 page ![]() P R E L I M I N A R Y AMD 1-403 Am79C960 2 STOP STOP assertion disables the chip from all external activity. The chip remains inactive until either STRT or INIT are set. If STOP, STRT and INIT are all set to- gether, STOP will override STRT and INIT. STOP is set by writing a “1” or by RESET. Writing a “0” has no ef- fect. STOP is cleared by setting either STRT or INIT. 1 STRT STRT assertion enables PCnet-ISA controller to send and receive frames, and perform buffer management operations. Setting STRT clears the STOP bit. If STRT and INIT are set to- gether, PCnet-ISA controller initialization will be performed first. STRT is set by writing a “1”. Writ- ing a “0” has no effect. STRT is cleared by RESET or by setting the STOP bit. 0 INIT INIT assertion enables PCnet-ISA controller to begin the initialization procedure which reads in the initialization block from memory. Setting INIT clears the STOP bit. If STRT and INIT are set together, PCnet-ISA con- troller initialization will be performed first. INIT is not cleared when the initialization se- quence has completed. INIT is set by writing a “1”. Writing a “0” has no effect. INIT is cleared by RESET or by setting the STOP bit. CSR1: IADR[15:0] Bit Name Description 15-0 IADR [15:0] Lower address of the Initializa- tion address register. Bit location 0 must be zero. Whenever this register is written, CSR16 is up- dated with CSR1’s contents. Read/Write accessible only when the STOP bit in CSR0 is set. Unaffected by RESET. CSR2: IADR[23:16] Bit Name Description 15-8 RES Reserved locations. Read and written as zero. 7-0 IADR [23:16] Upper 8 bits of the address of the Initialization Block. Bit locations 15-8 must be written with zeros. Whenever this register is written, CSR17 is updated with CSR2’s contents. Read/Write accessible only when the STOP bit in CSR0 is set. Unaffected by RESET. CSR3: Interrupt Masks and Deferral Control Bit Name Description 15 RES Reserved location. Written as zero and read as undefined. 14 BABLM Babble Mask. If BABLM is set, the BABL bit in CSR0 will be masked and will not set INTR flag in CSR0. BABLM is cleared by RESET and is not affected by STOP. 13 RES Reserved location. Written as zero and read as undefined. 12 MISSM Missed Frame Mask. If MISSM is set, the MISS bit in CSR0 will be masked and will not set INTR flag in CSR0. MISSM is cleared by RESET and is not affected by STOP. 11 MERRM Memory Error Mask. If MERRM is set, the MERR bit in CSR0 will be masked and will not set INTR flag in CSR0. MERRM is cleared by RESET and is not affected by STOP. 10 RINTM Receive Interrupt Mask. If RINTM is set, the RINT bit in CSR0 will be masked and will not set INTR flag in CSR0. RINTM is cleared by RESET and is not affected by STOP. 9 TINTM Transmit Interrupt Mask. If TINTM is set, the TINT bit in CSR0 will be masked and will not set INTR flag in CSR0. TINTM is cleared by RESET and is not affected by STOP. 8 IDONM Initialization Done Mask. If IDONM is set, the IDON bit in CSR0 will be masked and will not set INTR flag in CSR0. IDONM is cleared by RESET and is not affected by STOP. 7-5 RES Reserved locations. Written as zero and read as undefined. |