| データシートサーチシステム |
|
AM79C976 データシート(PDF) 250 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 データシート(HTML) 250 Page - Advanced Micro Devices |
|
250 / 309 page ![]() 250 Am79C976 8/01/00 P R E L I M INARY 70 CSR70 uuuu uuuu Reserved 71 CSR71 uuuu uuuu Reserved 72 CSR72 uuuu uuuu Reserved 73 CSR73 uuuu uuuu Reserved 74 CSR74 uuuu uuuu Reserved 75 CSR75 uuuu uuuu Reserved 76 CSR76 uuuu uuuu RCVRL: RCV Ring Length S 77 CSR77 uuuu uuuu Reserved 78 CSR78 uuuu uuuu XMTRL: XMT Ring Length S 79 CSR79 uuuu uuuu Reserved 80 CSR80 uuuu 1400 DMATCFW: DMA Transfer Counter and FIFO Threshold Control S 81 CSR81 uuuu uuuu Reserved 82 CSR82 uuuu uuuu Reserved 83 CSR83 uuuu uuuu Reserved 84 CSR84 uuuu uuuu Reserved 85 CSR85 uuuu uuuu Reserved 86 CSR86 uuuu uuuu Reserved 87 CSR87 uuuu uuuu Reserved 88 CSR88 X262 8003 Chip ID Register Lower T 89 CSR89 uuuu X262 Chip ID Register Upper T 90 CSR90 uuuu uuuu Reserved 91 CSR91 uuuu uuuu Reserved 92 CSR92 uuuu uuuu Reserved 93 CSR93 uuuu uuuu Reserved 94 CSR94 uuuu uuuu Reserved 95 CSR95 uuuu uuuu Reserved 96 CSR96 uuuu uuuu Reserved 97 CSR97 uuuu uuuu Reserved 98 CSR98 uuuu uuuu Reserved 99 CSR99 uuuu uuuu Reserved 100 CSR100 uuuu uuuu Bus Timeout 0 101 CSR101 uuuu uuuu Reserved 102 CSR102 uuuu uuuu Reserved 103 CSR103 uuuu 0000 Reserved 104 CSR104 uuuu uuuu Reserved 105 CSR105 uuuu uuuu Reserved 106 CSR106 uuuu uuuu Reserved RAP Addr Symbol Default Value Comments Use |