| データシートサーチシステム |
|
AM79C976 データシート(PDF) 253 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C976 データシート(HTML) 253 Page - Advanced Micro Devices |
|
253 / 309 page ![]() 8/01/00 Am79C976 253 P R E L I M INARY REGISTER BIT CROSS REFERENCE Table 120 shows the location and default value for each programmable bit or field. The Offset column gives the offset in hexadecimal of the register that contains the bit. The codes in the Reset Type column have the fol- lowing meanings: In many cases, a particular bit can be accessed through more than one register. For these bits, the columns, “Alternate Reg.”, “Bit Num”, and “Alternate Bit Name," give the alternate access paths. 7DEOH 5HJLVWHU%LW &URVV 5HIHUHQFH H Hardware Reset. The bit is set to its default value when the RST pin is asserted (low). E EEPROM Reset. The bit is set to its default value when before the EEPROM is read or after an EEPROM read error is detected P Power On Reset. The bit is set to its default value when power is first applied to the device. Bit Name Register Bit Num Offset (hex) Default Value Reset Type Alternate Register Bit Num Bit Name ANTST TEST0 8 1A8 0 E,H BCR32 15 ANTST AP_PHY0_ ADDR AUTOPOLL0 4:0 88 0 E,H AP_PHY1_ ADDR AUTOPOLL1 4:0 8A 0 E,H AP_PHY1_ DFLT AUTOPOLL1 5 8A 0 E,H AP_PHY2_ ADDR AUTOPOLL2 4:0 8C 0 E,H AP_PHY2_ DFLT AUTOPOLL2 5 8C 0 E,H AP_PHY3_ ADDR AUTOPOLL3 4:0 8E 0 E,H AP_PHY3_ DFLT AUTOPOLL3 5 8E 0 E,H AP_PHY4_ ADDR AUTOPOLL4 4:0 90 0 E,H AP_PHY4_ DFLT AUTOPOLL4 5 90 0 E,H AP_PHY5_ ADDR AUTOPOLL5 4:0 92 0 E,H AP_PHY5_ DFLT AUTOPOLL5 5 92 0 E,H AP_PRE_ SUP1 AUTOPOLL1 6 8A 0 E,H AP_PRE_ SUP2 AUTOPOLL2 6 8C 0 E,H |