データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F040-120PCB データシート(PDF) 3 Page - Advanced Micro Devices

部品番号 AM29F040-120PCB
部品情報  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120PCB データシート(HTML) 3 Page - Advanced Micro Devices

  AM29F040-120PCB Datasheet HTML 1Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 2Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 3Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 4Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 5Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 6Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 7Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 8Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Am29F040
3
PRODUCT SELECTOR GUIDE
BLOCK DIAGRAM
Family Part No:
Am29F040
Ordering Part No: VCC = 5.0 V ± 5%
-55
VCC = 5.0 V ± 10%
-70
-90
-120
-150
Max Access Time (ns)
55
70
90
120
150
CE (E) Access (ns)
55
70
90
120
150
OE (G) Access (ns)
25
30
35
50
55
Erase Voltage
Generator
Y-Gating
Cell Matrix
X-Decoder
Y-Decoder
Chip Enable
Output Enable
Logic
PGM Voltage
Generator
Timer
VCC Detector
State
Control
Command
Register
WE
CE
OE
A0–A18
STB
STB
DQ0–DQ7
VCC
VSS
17113E-2
Data Latch
Input/Output
Buffers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33