| データシートサーチシステム |
|
AM29F040-120PCB データシート(PDF) 33 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29F040-120PCB データシート(HTML) 33 Page - Advanced Micro Devices |
|
33 / 33 page ![]() Am29F040 33 DATA SHEET REVISION SUMMARY FOR AM29F040 Distinctive Characteristics Changed low power consumption specifications to typ- ical values. Added “enhanced power management” bullet. General Description Fifth paragraph, changed sector erase time to 1.0 sec. Product Selector Guide Removed the -75 (70 ns, ±5%) speed option. Ordering Information Added -55 speed option to the example part number. Removed the -75 speed option from the valid combina- tions. Added industrial and extended temperature ranges to -55 valid combinations. Added extended tem- perature to -70 valid combinations. Table 1—User Bus Operations Changed I/O write entry to “PD” and I/O read entry to “RD”; now matches Table 4. Corrected reference to ta- bles in Note 2. Standby Mode Changed maximum CMOS standby mode current to 5 µA. Autoselect Deleted fourth paragraph. Table 2—Autoselect Codes Changed table title. Table 3—Sector Addresses Changed table title. Sector Protection Reworded second paragraph, second sentence. Sector Unprotection Deleted after second sentence. Table 4—Command Definitions Added “X” to first cycle of first Read/Reset command. Changed fourth cycle in Byte Program row from “data” to “PD”. Deleted Note 1. Rewrote Notes 2 and 6. Sector Erase Changed time-out to 80 µs. Deleted note. In second paragraph, deleted third sentence from end. In fourth paragraph, changed third sentence from end. User Note for Chip Erase and Sector Erase Commands Deleted section. Erase Suspend Deleted last sentence of fourth paragraph. Deleted fifth paragraph. Table 5—Write Operation Status Added overbars to DQ7. DQ7—Data Polling Fourth paragraph, added “Erase Suspend.” DQ5—Exceeded Timing Limits Clarified first sentence in fifth paragraph. Absolute Maximum Ratings Corrected VSS in second sentence to V. Operating Ranges—VCC Supply Voltages Added -55 and -70 speed options. Deleted -75 speed option. DC Characteristics TTL/NMOS Compatible: Changed ICC1, ICC2, and VID specifications. CMOS Compatible: Changed ICC1, ICC2, ICC3 and VID specifications, added typical values. Added Note 4. AC Characteristics Read Only Operations Characteristics: Removed -75 speed option. Changed tGLQV in -55 column to 30 ns. Combined Notes 1 and 2. Figure 7—Test Conditions Changed first CL in note to -55. AC Characteristics Write/Erase/Program Operations (also same table for Alternate CE Controlled Writes): Removed -75 speed option. Changed specifications on tWHWH1, tWHWH2, and tWHWH3. Erase and Programming Performance Changed maximum specifications. Clarified note 5. De- leted Note 2. Trademarks Copyright © 1996 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |