データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29F040-120PCB データシート(PDF) 5 Page - Advanced Micro Devices

部品番号 AM29F040-120PCB
部品情報  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-120PCB データシート(HTML) 5 Page - Advanced Micro Devices

  AM29F040-120PCB Datasheet HTML 1Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 2Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 3Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 4Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 5Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 6Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 7Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 8Page - Advanced Micro Devices AM29F040-120PCB Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Am29F040
5
PIN CONFIGURATION
A0–A18
= Address Inputs
DQ0–DQ7 = Data Input/Output
CE
= Chip Enable
OE
= Output Enable
WE
= Write Enable
VSS
= Device Ground
VCC
= Device Power Supply
(5.0 V
±10% or ±5%)
LOGIC SYMBOL
19
8
DQ0–DQ7
A0–A18
CE (E)
OE (G)
WE (W)
17113E-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33