データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM85C30 データシート(PDF) 183 Page - Advanced Micro Devices

部品番号 AM85C30
部品情報  Serial Communications Controller
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30 データシート(HTML) 183 Page - Advanced Micro Devices

Back Button AM85C30 Datasheet HTML 179Page - Advanced Micro Devices AM85C30 Datasheet HTML 180Page - Advanced Micro Devices AM85C30 Datasheet HTML 181Page - Advanced Micro Devices AM85C30 Datasheet HTML 182Page - Advanced Micro Devices AM85C30 Datasheet HTML 183Page - Advanced Micro Devices AM85C30 Datasheet HTML 184Page - Advanced Micro Devices AM85C30 Datasheet HTML 185Page - Advanced Micro Devices AM85C30 Datasheet HTML 186Page - Advanced Micro Devices AM85C30 Datasheet HTML 187Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 194 page
background image
SCC Application Notes
AMD
7–34
SOFTWARE ROUTINES
Software to Transmit Data at 1 Mb/s Using DMA
#include “stdio.h”
#define arraysize 40
/*size of array for the 8530 sync. init*/
#define port 0x0382
/*I/O port address for the SCC channel A*/
#define aport 0x0380
/*I/O port address for 8530 channel B*/
#define aportd 0x0381
/*I/O data address for 8530 channel B*/
#define arraysiz 18
/*size of array for the 8530 async. init*/
unsigned char *ptr;
unsigned int segread();
struct(int scs, sss, sds, ses; ) rv;
unsigned long int data_segment;
unsigned long int data_seg;
unsigned int num;
unsigned long int adrr;
/*TRANSMIT ROUTINE*/
main()
{
unsigned char var_nam, string1[8], N, n;
unsigned int result, res;
do
{
/*This routine chooses between synchronous
and asynchronous data transfers*/
printf(“Do you want to print a file(Y/N)? “);
var_nam = scanf(“%s”, string1);
result + strcmp(string1,”N”);
res = strcmp(string1,”n”);
if(result != 0 && res != 0)
{
/*Main routine for asynchronous data transfer*/
printf(“Asynch transmit\n”);
opnfile();
/*Read file from disk into system memory*/
asccinit();
/*Initialize the 8530 for asynchronous trans-
mit*/
trnum();
/*Transmit length of file*/
cont();
atrans();
/*Transmit the entire file*/
else
{
/*Main routine for synchronous data transfer*/
printf(“Synchronous transmit\n” );
opnfile();
sccinit();
dmainit();
cont();
dminit();
}
/*This allows the user to continue transmission of next
file*/
printf(“Do you want to transmit another file(Y/N)? “);
var_nam = scanf(“%s”, string1);
result = strcmp(string1,”N”);
res = strcmp(string1,”n”);
}
while(result != 0 && != 0);
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More