| データシートサーチシステム |
|
AM85C30 データシート(PDF) 185 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30 データシート(HTML) 185 Page - Advanced Micro Devices |
|
185 / 194 page ![]() SCC Application Notes AMD 7–36 unsigned char temp; /*temporary storage for transmit/receive character array[0]=0x9 array[1]=0xC0; /*hardware reset the 8530*/ array[2]=0x4 array[3]=0x20; /*x1 clock, SDLC mode, parity disable*/ array[4]=0x1; array[5]=0x40; /*choose DMA request on transmit*/ array[6]=0x3; array[7]=0xFC; /*Rx 8bits/char, autoenabled, hunt mode*/ array[8]=0x5; array[9]=0x63; /*Tx 8bits/char, RTS enabled, TxCRC enabled*/ array[10]=0x6; array[11]=0x02; /*address for this device is 02*/ array[12]=0x7; array[13]=0x7E; /*SDLC flag pattern 01111110*/ array[14]=0x9; array[15]=0x02; /*No vector is returned*/ array[16]=0xA; array[17]=0x00; /*Send CRC and Flag on underrun, do not abort*/ array[18]=0xB; array[19]=0x08; /*rec. clock=RTxC pin, Transmit clk=TRxC pin*/ array[20]=0xE; array[21]=0x00; array[22]=0x3; array[23]=0xFD; /*Rx enable*/ array[24]=0x5; array[25]=0x6B; /*Tx enable*/ array[26]=0x00; array[27]=0x80; /*reset TxCRC*/ array[28]=0x1; array[29]=0xC0; /*DMA request enabled*/ array[30]=0xF; array[31]=0x08; /*disable all interrupts except DCD input*/ array[32]=0x0; array[33]=0x10; /*reset external/status interrupt twice*/ array[34]=0x0; array[35]=0x10; array[36]=0x1; array[37]=0xC9; /*Rx interrupt on 1st char. or special condition*/ array[38]=0x9; array[39]=0x0A /*set master interrupt enable to 1*/ /*BEGIN INITIALIZATION ROUTINE*/ temp = inportb(port); /*read from RR0*/ while(i<arraysize) { outportb(port, array[i++]); } } /*THIS ROUTINE INITIALIZES THE 9517 DMA CONTROLLER TO TRANSMIT LENGTH OF FILE*/ dmainit() { |