| データシートサーチシステム |
|
THS3001IDR データシート(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS3001IDR データシート(HTML) 18 Page - Texas Instruments |
|
18 / 39 page ![]() IN+ IN− VCC+ VCC− OUT 3 2 6 7 4 IIB IIB THS3001 SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com APPLICATION INFORMATION THEORY OF OPERATION The THS3001 is a high-speed, operational amplifier configured in a current-feedback architecture. The device is built using a 30-V, dielectrically isolated, complementary bipolar process with NPN and PNP transistors possessing fTs of several GHz. This configuration implements an exceptionally high-performance amplifier that has a wide bandwidth, high slew rate, fast settling time, and low distortion. A simplified schematic is shown in Figure 47. Figure 47. Simplified Schematic 18 Submit Documentation Feedback Copyright © 1998–2009, Texas Instruments Incorporated Product Folder Link(s): THS3001 |