| データシートサーチシステム |
|
THS3001IDR データシート(PDF) 26 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS3001IDR データシート(HTML) 26 Page - Texas Instruments |
|
26 / 39 page ![]() + − RF VO RG R2 R1 C1 RA VI THS3001 For Stable Operation: R2 R1 || RA ≥ RF RG sR1C1 ( ) RF RG 1 + VO ≅ VI + − 750 Ω 750 Ω 75 Ω 75 Ω 75 Ω 75 Ω 75 Ω N Lines VO1 VON THS3001 75- Ω Transmission Line VI THS3001 SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com Figure 59. Noninverting CFB Integrator The THS3001 may also be employed as a good video distribution amplifier. One characteristic of distribution amplifiers is the fact that the differential phase (DP) and the differential gain (DG) are compromised as the number of lines increases and the closed-loop gain increases (see Figures 22 to 25 for more information). Be sure to use termination resistors throughout the distribution system to minimize reflections and capacitive loading. Figure 60. Video Distribution Amplifier Application 26 Submit Documentation Feedback Copyright © 1998–2009, Texas Instruments Incorporated Product Folder Link(s): THS3001 |