| データシートサーチシステム |
|
THS3001IDR データシート(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
THS3001IDR データシート(HTML) 27 Page - Texas Instruments |
|
27 / 39 page ![]() _ + THS3001 VCC− VCC+ C3 6.8 µF C4 0.1 µF C1 6.8 µF C2 0.1 µF R1 1 k Ω R5 1 k Ω R3 49.9 Ω R2 49.9 Ω R4 49.9 Ω IN − IN + OUT + + THS3001 www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009 EVALUATION BOARD An evaluation board is available for the THS3001 (THS3001EVM). The board has been configured for low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 61. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more detailed information, refer to the THS3001 EVM User's Guide (literature number SLOU021). The evaluation board can be ordered online through the TI web site, or through your local TI sales office or distributor. Figure 61. THS3001 Evaluation Board Schematic Copyright © 1998–2009, Texas Instruments Incorporated Submit Documentation Feedback 27 Product Folder Link(s): THS3001 |