| データシートサーチシステム |
|
ST6203C8 データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203C8 データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 100 page ![]() ST6200C ST6201C ST6203C Doc ID 4563 Rev 5 31/100 6 POWER SAVING MODES 6.1 INTRODUCTION To give a large measure of flexibility to the applica- tion in terms of power consumption, two main pow- er saving modes are implemented in the ST6 (see Figure 19). In addition, the Low Frequency Auxiliary Oscillator (LFAO) can be used instead of the main oscillator to reduce power consumption in RUN and WAIT modes. After a RESET the normal operating mode is se- lected by default (RUN mode). This mode drives the device (CPU and embedded peripherals) by means of a master clock which is based on the main oscillator frequency. From Run mode, the different power saving modes may be selected by calling the specific ST6 software instruction or for the LFAO by setting the relevant register bit. For more information on the LFAO, please refer to the Clock chapter. Figure 19. Power Saving Mode Transitions POWER CONSUMPTION WAIT LFAO RUN STOP High Low 1 |