データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6203C8 データシート(PDF) 41 Page - STMicroelectronics

部品番号 ST6203C8
部品情報  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6203C8 データシート(HTML) 41 Page - STMicroelectronics

Back Button ST6203C8 Datasheet HTML 37Page - STMicroelectronics ST6203C8 Datasheet HTML 38Page - STMicroelectronics ST6203C8 Datasheet HTML 39Page - STMicroelectronics ST6203C8 Datasheet HTML 40Page - STMicroelectronics ST6203C8 Datasheet HTML 41Page - STMicroelectronics ST6203C8 Datasheet HTML 42Page - STMicroelectronics ST6203C8 Datasheet HTML 43Page - STMicroelectronics ST6203C8 Datasheet HTML 44Page - STMicroelectronics ST6203C8 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
ST6200C ST6201C ST6203C
Doc ID 4563 Rev 5
41/100
8 ON-CHIP PERIPHERALS
8.1 WATCHDOG TIMER (WDG)
8.1.1 Introduction
The Watchdog timer is used to detect the occur-
rence of a software fault, usually generated by ex-
ternal interference or by unforeseen logical condi-
tions, which causes the application program to
abandon its normal sequence. The Watchdog cir-
cuit generates an MCU reset on expiry of a pro-
grammed time period, unless the program refresh-
es the counter’s contents before the SR bit be-
comes cleared.
8.1.2 Main Features
■ Programmable timer (64 steps of 3072 clock
cycles)
■ Software reset
■ Reset (if watchdog activated) when the SR bit
reaches zero
■ Hardware
or software watchdog activation
selectable by option bit (Refer to the option
bytes section)
Figure 25. Watchdog Block Diagram
RESET
C
7-BIT DOWNCOUNTER
fint /12
SR
T0
CLOCK DIVIDER
WATCHDOG REGISTER (WDGR)
÷ 256
T1
T2
T3
T4
T5
bit 0
bit 7
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100