| データシートサーチシステム |
|
ST6203C8 データシート(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6203C8 データシート(HTML) 40 Page - STMicroelectronics |
|
40 / 100 page ![]() ST6200C ST6201C ST6203C 40/100 Doc ID 4563 Rev 5 I/O PORTS (Cont’d) 7.5 REGISTER DESCRIPTION DATA REGISTER (DR) Port x Data Register DRx with x = A or B. Address DRA: 0C0h - Read/Write Address DRB: 0C1h - Read/Write Reset Value: 0000 0000 (00h) Bit 7:0 = D[7:0] Data register bits. Reading the DR register returns either the DR reg- ister latch content (pin configured as output) or the digital value applied to the I/O pin (pin configured as input). Caution: In input mode, modifying this register will modify the I/O port configuration (see Table 8). Do not use the Single bit instructions on I/O port data registers. See (Section 7.2.5). DATA DIRECTION REGISTER (DDR) Port x Data Direction Register DDRx with x = A or B. Address DDRA: 0C4h - Read/Write Address DDRB: 0C5h - Read/Write Reset Value: 0000 0000 (00h) Bit 7:0 = DD[7:0] Data direction register bits. The DDR register gives the input/output direction configuration of the pins. Each bit is set and cleared by software. 0: Input mode 1: Output mode OPTION REGISTER (OR) Port x Option Register ORx with x = A or B. Address ORA: 0CCh - Read/Write Address ORB: 0CDh - Read/Write Reset Value: 0000 0000 (00h) Bit 7:0 = O[7:0] Option register bits. The OR register allows to distinguish in output mode if the push-pull or open drain configuration is selected. Output mode: 0: Open drain output(with P-Buffer deactivated) 1: Push-pull Output Input mode: See Table 8. Each bit is set and cleared by software. Caution: Modifying this register, will also modify the I/O port configuration in input mode. (see Ta- ble 8). Table 10. I/O Port Register Map and Reset Values 7 0 D7 D6 D5 D4 D3 D2 D1 D0 7 0 DD7 DD6 DD5 DD4 DD3 DD2 DD1 DD0 7 0 O7 O6 O5 O4 O3 O2 O1 O0 Address (Hex.) Register Label 7 6 5 4 3 2 1 0 Reset Value of all I/O port registers 0 0 0 0 0 0 0 0 0C0h DRA MSB LSB 0C1h DRB 0C4h DDRA MSB LSB 0C5h DDRB 0CCh ORA MSB LSB 0CDh ORB 1 |