| データシートサーチシステム |
|
STM8S103F2U6TR データシート(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F2U6TR データシート(HTML) 35 Page - STMicroelectronics |
|
35 / 113 page ![]() Reset status Register name Register label Block Address Reserved 0x00 5301 Reserved 0x00 5302 0x00 TIM2 Interrupt enable register TIM2_IER 0x00 5303 0x00 TIM2 status register 1 TIM2_SR1 0x00 5304 0x00 TIM2 status register 2 TIM2_SR2 0x00 5305 0x00 TIM2 event generation register TIM2_EGR 0x00 5306 0x00 TIM2 capture/compare mode register 1 TIM2_CCMR1 0x00 5307 0x00 TIM2 capture/compare mode register 2 TIM2_CCMR2 0x00 5308 0x00 TIM2 capture/compare mode register 3 TIM2_CCMR3 0x00 5309 0x00 TIM2 capture/compare enable register 1 TIM2_CCER1 0x00 530A 0x00 TIM2 capture/compare enable register 2 TIM2_CCER2 0x00 530B 0x00 TIM2 counter high TIM2_CNTRH 0x00 530C 0x00 TIM2 counter low TIM2_CNTRL 0x00 530D 0x00 TIM2 prescaler register TIM2_PSCR 0x00 530E 0xFF TIM2 auto-reload register high TIM2_ARRH 0x00 530F 0xFF TIM2 auto-reload register low TIM2_ARRL 0x00 5310 0x00 TIM2 capture/compare register 1 high TIM2_CCR1H 0x00 5311 35/113 DocID15441 Rev 6 Memory and register map STM8S103K3 STM8S103F3 STM8S103F2 |