データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3687 データシート(PDF) 41 Page - ams AG

部品番号 AS3687
部品情報  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3687 データシート(HTML) 41 Page - ams AG

Back Button AS3687 Datasheet HTML 37Page - ams AG AS3687 Datasheet HTML 38Page - ams AG AS3687 Datasheet HTML 39Page - ams AG AS3687 Datasheet HTML 40Page - ams AG AS3687 Datasheet HTML 41Page - ams AG AS3687 Datasheet HTML 42Page - ams AG AS3687 Datasheet HTML 43Page - ams AG AS3687 Datasheet HTML 44Page - ams AG AS3687 Datasheet HTML 45Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
40 - 54
integer value from 0 to 15) is then used to amplify or attenuate the input signal with one of the following
amplification ratios (output to input ratio) – the curve A, B, or C is selected depending on the register agc_ctrl:
Figure
30 – AGC curve A (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to input)
Figure
31 – AGC curve B (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to input)
Figure
32 – AGC curve C (x-axis: input amplitude, y-axis: output amplitude; actual value: gain between output to input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55