データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5130 データシート(PDF) 40 Page - ams AG

部品番号 AS5130
部品情報  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5130 データシート(HTML) 40 Page - ams AG

Back Button AS5130 Datasheet HTML 34Page - ams AG AS5130 Datasheet HTML 35Page - ams AG AS5130 Datasheet HTML 36Page - ams AG AS5130 Datasheet HTML 37Page - ams AG AS5130 Datasheet HTML 38Page - ams AG AS5130 Datasheet HTML 39Page - ams AG AS5130 Datasheet HTML 40Page - ams AG AS5130 Datasheet HTML 41Page - ams AG AS5130 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
39 - 41
AS5130
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.5
May 31, 2007
apg
Initial version
1.6
Sep 11, 2008
Ordering code updated
1.9
Mar 03, 2009
Updated Absolute Maximum Ratings (page 5)
1.10
Feb 02, 2010
Updated values for the following parameters (see Electrical Characteristics on
page 6)
1) Power Supply Current
2) PWM Period
3) PWM Frequency
1.11
Jun 09, 2010
rfu
1) Replaced instances of ‘sleep mode’ to ‘low power mode’
2) Removed duplicate instances of TpwrUp and N; Deleted Hyst from Table 6.
3) Replaced instances of AVDD to VDD
4) Updated diagram for Extended Operation Mode (for access of OTP
only) (page 10)
1.12
May 12, 2011
mub
Updated Absolute Maximum Ratings, Electrical Characteristics, Package
Drawings and Markings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42