データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8515 データシート(PDF) 63 Page - ams AG

部品番号 AS8515
部品情報  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8515 データシート(HTML) 63 Page - ams AG

Back Button AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG AS8515 Datasheet HTML 64Page - ams AG AS8515 Datasheet HTML 65Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 63 / 65 page
background image
www.ams.com
Revision 0.7
63 - 65
AS8515
Datasheet - Revision Hist ory
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
0.1
Dec 16, 2011
zmo/mbr
Initial draft
0.2
Jan 25, 2012
zmo
Updated table information on LIN Driver (page 24)
Pins 10, 11 updated in the file (Pin Assignments, Figure 33)
0.3
Mar 07, 2012
Updated power dissipation info in Absolute Maximum Ratings (page 7)
0.4
Aug 14, 2012
Updated Table 14, Figure 33.
0.5
Nov 22, 2012
zmo/mbr
Updated Operating Conditions, Electrical Characteristics, Ordering
Information, Figure 12. Table 30, Table 32, Table 33, Table 45.
0.6
Mar 22, 2013
zmo
Table 1 and Table 6 updated.
0.7
Jul 26, 2013
Updated Table 30, added Figure 26 and notes to Table 35, modified
Table 30, updated information in Figure 26.
Jul 31, 2013
mbr
Updated AS8515 Block Diagram Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65