データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8515 データシート(PDF) 64 Page - ams AG

部品番号 AS8515
部品情報  Data Acquisition System with Power Management and LIN Transceiver for 12V Battery Sensor Applications
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8515 データシート(HTML) 64 Page - ams AG

Back Button AS8515 Datasheet HTML 57Page - ams AG AS8515 Datasheet HTML 58Page - ams AG AS8515 Datasheet HTML 59Page - ams AG AS8515 Datasheet HTML 60Page - ams AG AS8515 Datasheet HTML 61Page - ams AG AS8515 Datasheet HTML 62Page - ams AG AS8515 Datasheet HTML 63Page - ams AG AS8515 Datasheet HTML 64Page - ams AG AS8515 Datasheet HTML 65Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 64 / 65 page
background image
www.ams.com
Revision 0.7
64 - 65
AS8515
Datasheet - Orderin g Info rm ation
12 Ordering Information
The devices are available as the standard products shown in Table 50.
Note:
All products are RoHS compliant and ams green.
Buy our products or get free samples online at ICdirect: http://www.ams.com/ICdirect
Technical Support is available at http://www.ams.com/Technical-Support
For further information and requests, please contact us mailto: sales@ams.com
or find your local distributor at http://www.ams.com/distributor
Table 50. Ordering Information
Ordering Code
Description
Delivery Form
Package
AS8515-ZMFP
Data acquisition system with power management
and LIN transceiver
Tape & Reel (5000 pcs)
32-pin MLF (5x5 mm)
AS8515-ZMFM
Tape & Reel (500 pcs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65