| データシートサーチシステム |
|
1934026-1 データシート(PDF) 8 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 データシート(HTML) 8 Page - Tyco Electronics |
|
8 / 32 page ![]() 8 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. AdvancedTCA Zone 2 Z-PACK HM-Zd High Speed Signal Connectors (Continued) 4 Pair Right Angle Receptacle Assemblies Ref. Typ. Ref. Typ. Ref. Typ. Top Surface of Daughtercard Ref. Ref. Typ. Ref. Ref. Ref. Ref. A All Plated Thru Holes PCB Hole Dim. Drilled Hole = 0.7000 ± 0.025 [.02756 ± .0010] Finished Hole = 0.60 ± 0.05 [.024 ± .002] Cu Thickness = 0.375 ± 0.0125 [.0148 ± .00049] SnPb Thickness = 0.007 ± 0.003 [.0003 ± .0001] 0.75 [.030] 1.00 ± 0.10 [.039 ± .004] 19.35 ± 0.08 [.762 ± .003] 21.35 ± 0.08 [.841 ± .003] 27.90 [1.098] 2.50 [.098] 2.00 [.079] 8.70 [.343] 10.70 ± 0.16 [.421 ± .006] 17.20 ± 0.14 [.677 ± .006] 1.50 [.059] Ref. Typ. 1.50 [.059] Typ. 1.50 [.059] Typ. 2.50 [.098] 9 x 2.50 [.098] = 22.50 [.886] 1.50 ± 0.20 [.059 ± .008] 2.20 [.087] 15.67 ± 0.05 [.617 ± .002] 3.68 [.145] 1.50 [.059] 3.00 [.118] Recommended PC Board Layout Daughter Board, Component Side Shown 1 1 Note: For finishes other than tin-lead, reference Application Specification 114-13059. Application Tooling Part Number Column Module Signals Grounds Insertion Repair Count Length Receptacle Housing Chiclet (Dim. A) Removal Removal 1 6469001-11 10 25.00 80 40 91347-1 1583224-1 1583248-1 .984 6469286-1 12 30.00 96 48 91347-3 1583224-2 1583248-1 1.181 6469294-1 15 37.50 120 60 91347-2 1583224-3 1583248-1 1.476 6469061-1 20 50.00 160 80 91347-4 1583224-4 1583248-1 1.969 1 AdvancedTCA Zone 2 Daughtercard Connector. Note: Part Numbers are RoHS compliant. |