| データシートサーチシステム |
|
1934026-1 データシート(PDF) 16 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 データシート(HTML) 16 Page - Tyco Electronics |
|
16 / 32 page ![]() 16 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in MicroTCA Specification Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Part Number 1469820-X Product Specification 108-2254 Application Specification 114-13180 0.55 ± 0.05 [.022 ± .002] Typ. After Plating 2.40 ± 0.10 [.094 ± .004] 72.00 ± 0.20 [2.835 ± .008] 69.30 [2.728] 58.50 [2.303] 1.50 [.059] 2.25 [.089] 0.20 [.008] 6.00 [.236] 1.35 [.053] 4.175 [.1644] 31.22 [1.229] BSC BSC 7.40 ± 0.10 [.291 ± .004] Recommended Mounting Holes 12.30 ± 0.10 [.484 ± .004] 5.80 ± 0.10 [.228 ± .004] Measured to Bottom of Card Slot Position No. 1 Position No. 1 2 Plcs. Optional Holes Used with Part Number 1469944-2 CL of Card Slot CL of Card Slot Position No. 170 Optional Alignment Post Center Column of Holes Are Ground Positions 1.50 [.059] Vertical AdvancedMC Connector for MicroTCA Applications FEATURES • Press-fit connector per MicroTCA.0 Specification • 170 lines • Connector designed so that custom load patterns are easily created • Single overmolded wafer design • Fully validated electrical models available Part Tail Alignment Number Plating Post 1469820-1 Tin No 1469820-2 Tin Yes 1469820-3 Tin-Lead No 1469820-4 Tin-Lead Yes Note: Part Numbers are RoHS compliant except: Indicates “5 of 6 compliant” (lead in solderable interface only). |