| データシートサーチシステム |
|
1934026-1 データシート(PDF) 10 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1934026-1 データシート(HTML) 10 Page - Tyco Electronics |
|
10 / 32 page ![]() 10 Catalog 3-1773445-8 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-07 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are U.S. equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Product Defined in AdvancedTCA/AdvancedTCA 300 Specifications (Continued) Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards AdvancedMC, AdvancedTCA, AdvancedTCA 300, MicroTCA and PICMG are trademarks of PICMG-PCI Industrial Computer Manufacturers Group Incorporated. Z-PACK HM-Zd RTM Board Connector for AdvancedTCA Zone 3 Standard Ref. Typ. Ref. Typ. Ref. Typ. Top Surface of Daughtercard Typ. Ref. Typ. Ref. Ref. Ref. Ref. Ref. Ref. Ref. A All Plated Thru Holes 1.65 [.065] 19.65 [.774] 23.35 [.919] 34.55 [1.360] 2.50 [.098] 2.00 [.079] 6.90 [.272] Ref. 10.45 [.411] Ref. 6.35 [.250] 5.30 [.209] Ref. 17.20 [.677] 1.50 [.059] Ref. Typ. 1.50 [.059] Typ. 1.50 [.059] Typ. 2.50 [.098] 9 x 2.50 [.098] = 22.50 [.886] 1.50 ± 0.20 [.059 ± .008] 2.20 [.087] Ref. 17.68 [.696] Ref. 5.675 [.223] 1.50 [.059] 3.00 [.118] Recommended PC Board Layout Component Side Shown 17.32 [.682] Ref. 1 PCB Hole Dim. Drilled Hole = 0.7000 ± 0.025 [.02756 ± .0010] Finished Hole = 0.60 ± 0.05 [.024 ± .002] Cu Thickness = 0.375 ± 0.0125 [.0148 ± .00049] SnPb Thickness = 0.007 ± 0.003 [.0003 ± .0001] 1 AdvancedTCA Zone 3 Z-PACK HM-Zd High Speed, Co-Planar RTM Board Connector 4 Pair Right Angle Header Part Number 6469048-1 Part Number 6469375-1 Front Board Connector 4 Pair Right Angle Receptacle Part Number 6469001-1 (see page 8) 4 Pair Right Angle Pin Header Assemblies Application Tooling Part Tail Mating Column Module Signals Grounds Insertion Repair Number Length Pin Count Length Pin Housing Chiclet Length (Dim. A) Header Removal Removal 1 6469048-1 2.20 5.30 10 25.00 80 40 91378-1 1804174-1 1804177-1 .087 .209 .984 1 6469375-1 2.20 5.30 12 30.00 96 48 91378-3 1804174-1 1804177-1 .087 .209 1.181 Note: Part Numbers are RoHS compliant. Note: For finishes other than tin-lead, reference Application Specification 114-13059. |