| データシートサーチシステム |
|
ZIOL2102 データシート(PDF) 44 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 データシート(HTML) 44 Page - List of Unclassifed Manufacturers |
|
44 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 44 of 90 Reg.-Name Addr. Bit-Field Bit Reset- Value r/w Comment Reference 16 MON_RST_OVT_LOCK 0 0 w/pulse Reset for Temperature Lock MON_RST_COUNTER 17 0 17 MON_RST_AUX_HS 4 0 w/pulse Reset Channel2 OVL-HS-Counter 17 MON_RST_AUX_LS 3 0 w/pulse Reset Channel2 OVL-LS-Counter 17 MON_RST_COM_HS 2 0 w/pulse Reset Channel1 OVL-HS-Counter 17 MON_RST_COM_LS 1 0 w/pulse Reset Channel1 OVL-LS-Counter 17 MON_RST_OVT 0 0 w/pulse Reset OVT Counter IRQ_STATUS 18 7:0 0 r/rst Interrupt-Status Figure 3.14 18 IRQ_POWER_FAIL 7 0 r/rst POWER_FAIL interrupt request Added in Rev B 18 IRQ_WURQ 6 0 r/rst wake-up request 18 IRQ_VALID_FLAG_ERR 5 0 r/rst Valid-flag error occurred 18 IRQ_EEPROM_ERR 4 0 r/rst Single error has been corrected 18 IRQ_EEPROM2_ERR 3 0 r/rst Multiple bit error occurred 18 IRQ_LOCK_AUX 2 0 r/rst over-load lock of AUX line driver 18 IRQ_LOCK_COM 1 0 r/rst over-load lock of COM line driver 18 IRQ_LOCK_OVT 0 0 r/rst over-temperature LOCK of both line drivers, AUX and COM |