| データシートサーチシステム |
|
ZIOL2102 データシート(PDF) 74 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 データシート(HTML) 74 Page - List of Unclassifed Manufacturers |
|
74 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 74 of 90 7 Ordering Information Product Sales Code 1 Description Package ZIOL2xxx#R 1) ZIOL2xxx, ZIOL2xx - IO-Link compliant HV Line Driver IC Family, packing: 13’’ reel QFN24, 4x4 ZIOL2xxx#W 1) ZIOL2xxx, ZIOL2xx - IO-Link compliant HV Line Driver IC Family, packing: 7’’ reel QFN24, 4x4 ZIOL2401-Lab Kit ZIOL2401 LabKit for detailed lab evaluation (suitable for ZIOL2xxx) (configurable IC-/Communication/Controller PCB, software, USB-cable) ZIOL2401-Starter Kit ZIOL2401 Introduction tool (USB stick, extension board, software) (suitable for ZIOL2xxx) 1) # stands for the device revision xxx stands for the device derivate (refer to chapter 1) |