| データシートサーチシステム |
|
ZIOL2102 データシート(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2102 データシート(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 45 of 90 Reg.-Name Addr. Bit-Field Bit Reset- Value r/w Comment Reference MON_DEVICE_TEMP 19 3:0 0 r Device Temperature MON_STAT 20 7:0 0 r 20 MON_AUX_LOCK 7 0 r Lock on AUX due to AUX-Overload 20 MON_COM_LOCK 6 0 r Lock on COM due to COM-Overload 20 MON_OVT_LOCK 5 0 r Lock on COM + AUX due to Over- temperature 20 MON_STAT_AUX_HS_OVL 4 0 r AUX-HighSide-OVL 20 MON_STAT_AUX_LS_OVL 3 0 r AUX-LowSide-OVL 20 MON_STAT_COM_HS_OVL 2 0 r COM-HighSide-OVL 20 MON_STAT_COM_LS_OVL 1 0 r COM-LowSide-OVL 20 MON_STAT_OVT 0 0 r Over-temperature MON_COM_LS_PEAK 21 7:0 0 r/rst Longest COM-LS- Overload MON_COM_HS_PEAK 22 7:0 0 r/rst Longest COM-HS- Overload MON_AUX_LS_PEAK 23 7:0 0 r/rst Longest AUX-LS- Overload MON_AUX_HS_PEAK 24 7:0 0 r/rst Longest AUX-HS- Overload MON_OVT_PEAK 25 7:0 0 r/rst Longest over- temperature duration MON_POW_DETECT 26 1:0 0 r/rst Power Monitor Added in Rev B |