データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSDF9504 データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SSDF9504
部品情報  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9504 データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9504 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SSDF9504
23A, 40V, RDS(ON) 26m
-20A, -40V, RDS(ON) 40m
N And P-Channel Enhancement Mode Power MOSFET
14-Nov-2012 Rev. B
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
9 5 0 4


= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSDF9504 provide the designer with best combination
of fast switching, low on-resistance and cost effectiveness.
The SSDF9504 meet the RoHS and Green Product requirement ,
100% EAS guaranteed with full function reliability approved.
FEATURES
Low Gate Charge
Low On-resistance
MARKING CODE
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Ratings
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
40
-40
V
Gate-Source Voltage
VGS
±20
±20
V
TA =25°C
23
-20
Continuous Drain Current
@ VGS=10V
1
TA =100°C
ID
18
-16
A
Pulsed Drain Current
2
IDM
45
-44
A
Single Pulse Avalanche Energy
3
EAS
28
66
mJ
Avalanche Current
IAS
17.8
-27.2
A
Power Dissipation
4
PD
25
W
Maximum Junction to Ambient
1
RθJA
62
°C / W
Maximum Junction to Case
1
RθJC
5
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
Package
MPQ
Leader Size
TO-252-4L
2.5K
13 inch
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.4
6.8
F
0.4
0.6
B
9.4
10.2
G
2.2
2.4
C
5.4
5.8
H
0.45
0.55
D
2.4
3.0
I
1.4
1.8
E
1.27 REF.
J
0.8
1.2
TO-252-4L


同様の部品番号 - SSDF9504

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SSDF9504 SECOS-SSDF9504_15 Datasheet
747Kb / 7P
N And P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - SSDF9504

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com