データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SSDF9504 データシート(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SSDF9504
部品情報  N And P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSDF9504 データシート(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSDF9504 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSDF9504 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Elektronische Bauelemente
SSDF9504
23A, 40V, RDS(ON) 26m
-20A, -40V, RDS(ON) 40m
N And P-Channel Enhancement Mode Power MOSFET
14-Nov-2012 Rev. B
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Guaranteed Avalanche Chatacteristics
N-Ch
9
-
-
VDD=25V, L=0.1mH, IAS=10A
Single Pulse Avalanche Energy
5
P-Ch
EAS
20
-
-
mJ
VDD= -25V, L=0.1mH, IAS= -15A
Source-Drain Diode
N-Ch
-
-
1.2
IS=1A, VGS=0, TJ=25°C
Forward On Voltage
2
P-Ch
VSD
-
-
-1
V
IS= -1A, VGS=0, TJ=25°C
N-Ch
-
-
23
Continuous Source Current
1,6
P-Ch
IS
-
-
-20
A
N-Ch
-
-
45
Pulsed Source Current
2,6
P-Ch
ISM
-
-
-44
A
VD=VG=0, Force Current
Notes:
1
Surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2
Pulse width≦300μs, duty cycle≦2%.
3 The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=17.8A
4 .The power dissipation is limited by 150 ℃junction temperature
5 The Min. value is 100% EAS tested guarantee.
6 The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.



Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com