データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAOC-009268 データシート(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAOC-009268
部品情報  Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009268 データシート(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009268 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Voltage Controlled Oscillator
12.7 - 14.2 GHz
Rev. V2
MAOC-009268
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
 Low Phase Noise
 Wide Tuning Range
 Divide-by-Two Output
 Integrated Buffer Amplifier
 Excellent Temperature Stability
 +5V Bias
 Lead-Free 5 mm 32-Lead PQFN Package
 Halogen-Free “Green” Mold Compound
 RoHS* Compliant and 260°C Reflow Compatible
Description
The MAOC-009268 is an InGaP HBT-based voltage
controlled oscillator for frequency generation. No
external matching components are required. This
VCO is easily integrated into a phase lock loop using
the divide-by-two output. The extremely low phase
noise makes this part ideal for many radio
applications including high capacity digital radios.
The
MAOC-009268
primary
applications
are
Point-to-Point
Radio,
Point-to-Multipoint
Radio,
Communications Systems, and Low Phase Noise
applications.
The 5 mm PQFN package has a lead-free finish that
is RoHS compliant and compatible with a 260ºC
reflow temperature. The package also features low
lead inductance and an excellent thermal path.
Block Diagram
Ordering Information1
Part Number
Package
MAOC-009268-TR0500
500 piece reel
MAOC-009268-TR1000
1000 piece reel
MAOC-009268-SMB003
Sample Board
Pin
Function
Pin
Function
1
N/C
17
N/C
2
N/C
18
N/C
3
N/C
19
RF
4
N/C
20
N/C
5
N/C
21
VCC
6
N/C
22
N/C
7
VBUFFER
23
N/C
8
N/C
24
N/C
9
N/C
25
N/C
10
N/C
26
N/C
11
N/C
27
N/C
12
RF/2
28
N/C
13
N/C
29
VTUNE
14
N/C
30
N/C
15
N/C
31
N/C
16
N/C
32
N/C
Pin Designations2
*
Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
1. Reference Application Note M513 for reel size information.
The exposed pad centered on the package bottom must be
connected to RF and DC ground. Connecting all N/C pins to
RF/DC Ground in the layout is also recommended.


同様の部品番号 - MAOC-009268

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
MAOC-009268-PKG003 MA-COM-MAOC-009268-PKG003 Datasheet
159Kb / 5P
Voltage Controlled Oscillator 12.7 - 14.2 GHz
MAOC-009268-PKG003 MA-COM-MAOC-009268-PKG003 Datasheet
296Kb / 5P
Voltage Controlled Oscillator
MAOC-009268-PKG003 MA-COM-MAOC-009268-PKG003_2 Datasheet
296Kb / 5P
Voltage Controlled Oscillator
MAOC-009268-SMB003 MA-COM-MAOC-009268-SMB003 Datasheet
860Kb / 5P
Voltage Controlled Oscillator
MAOC-009268-TR0500 MA-COM-MAOC-009268-TR0500 Datasheet
860Kb / 5P
Voltage Controlled Oscillator
More results

同様の説明 - MAOC-009268

メーカー部品番号データシート部品情報
logo
Z-Communications, Inc
CLV0436A-LF ZCOMM-CLV0436A-LF Datasheet
71Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0698A-LF ZCOMM-CLV0698A-LF Datasheet
68Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0787E-LF ZCOMM-CLV0787E-LF Datasheet
46Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0815E-LF ZCOMM-CLV0815E-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV0945A-LF ZCOMM-CLV0945A-LF Datasheet
67Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
CLV1052M-LF ZCOMM-CLV1052M-LF Datasheet
63Kb / 2P
VOLTAGE CONTROLLED OSCILLATOR
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Z-Communications, Inc
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
Voltage-Controlled Oscillator Voltage-Controlled Oscillator
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com