データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAOC-009268 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAOC-009268
部品情報  Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009268 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009268 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Voltage Controlled Oscillator
12.7 - 14.2 GHz
Rev. V2
MAOC-009268
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = +25°C, VCC = VBUFFER = 5.0 V
3, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Output Power
RF Port, 12.7 - 14.2 GHz
RF/2 Port, 6.35 - 7.1 GHz
dBm
6
-3
9
1
SSB Phase Noise
VCC=VBUFFER=VTUNE=5V
RF Port, 10KHZ Offset
RF Port, 100KHZ Offset
dBc/Hz
-79
-108
Harmonics/Subharmonics
VCC=VBUFFER=VTUNE=5V
RF Port, 1/2 Fo
RF Port, 2 Fo
dBc
-16
-38
Pulling
(Sensitivity to Match)
VCC=VBUFFER=VTUNE=5V
RF Port, VSWR = 1.95:1 to 2.25:1
MHz pk-pk
10
Pushing
(Sensitivity to Supply Voltage)
RF Port, VTUNE = 5 V
RF/2 Port, VTUNE = 5 V
MHz/V
10
5
Frequency Drift Rate
(Sensitivity to Temperature)
RF Port, 12.7 - 14.2 GHz
RF/2 Port, 6.35 - 7.1 GHz
MHz/ºC
1.2
0.7
Output Return Loss
RF Port, 12.7 - 14.2 GHz
RF/2 Port, 6.35 - 7.1 GHz
dB
2.5
6
Tuning Sensitivity @ RF Port
VTUNE = 5 V
GHz/V
0.21
Supply Current
I TOTAL (ICC + IBUFFER)
ICC
IBUFFER
mA
165
145
20
205
175
30
Tune Voltage
VTUNE
V
1
13
Tuning Current Leakage
VTUNE = 13 V
µA
5
10
Absolute Maximum Ratings 4,5,6
Parameter
Absolute Maximum
Supply Voltage
(VCC & VBUFFER)
+5.5 Vdc
Storage Temperature
-55ºC to +150ºC
Operating Temperature
-40ºC to +85ºC
VTUNE
0 to +15 Vdc
Junction Temperature7
+135ºC
Case Temperature (TC)
(measured @ exposed pad)
+100ºC
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM Technology Solutions does not recommend
sustained operation near these survivability limits.
6. Operating at nominal conditions with TJ ≤ +135°C will ensure
MTBF > 2.5 x 106 hours.
7. Junction Temperature (TJ) = TC + Өjc * (V * I)
Typical thermal resistance (Өjc) = 35° C/W.
a) For TC = 25°C, TJ = 54°C @ 5 V, 165 mA
b) For TC = 85°C, TJ = 115°C @ 5 V, 170 mA
ESD Rating: Class 1A
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
3. VCO can operate over the 4.75 V to 5.25 V supply voltage range.



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com