データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAOC-009268 データシート(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

部品番号 MAOC-009268
部品情報  Voltage Controlled Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAOC-009268 データシート(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAOC-009268 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAOC-009268 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Voltage Controlled Oscillator
12.7 - 14.2 GHz
Rev. V2
MAOC-009268
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Frequency Sensitivity vs. Tuning Voltage - RF Port
Frequency Sensitivity vs. Tuning Voltage - RF/2 Port
Single Side Band Phase Noise vs. Tuning Voltage
RF Port
Single Side Band Phase Noise vs. Frequency Offset
RF Port (VTUNE = 5V)
Typical Performance Curves: VCC = VBUFFER = 5V, TA = +25C (unless otherwise indicated)
0.0
0.2
0.4
0.6
0.8
1.0
012
34
567
89
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
012
34
567
89
10 11 12 13 14
+25°C
-40°C
+85°C
Tuning Voltage (V)
-140
-130
-120
-110
-100
-90
-80
-70
-60
12
34
56
78
9
10 11 12 13 14
10 KHz offset
100 KHz offset
Tuning Voltage (V)
-160
-140
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
10
7
+25°C
-40°C
+85°C
Frequency Offset (Hz)



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com