| データシートサーチシステム |
|
IO13PDB0V0 データシート(PDF) 143 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13PDB0V0 データシート(HTML) 143 Page - Microsemi Corporation |
|
143 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 29 K17 GNDLPXTAL GNDLPXTAL GNDLPXTAL K19 GNDMAINXTAL GNDMAINXTAL GNDMAINXTAL K21 MAINXIN MAINXIN MAINXIN L1 GNDRCOSC GNDRCOSC GNDRCOSC L3 VCCFPGAIOB5 VCCFPGAIOB5 VCCFPGAIOB5 L5 EMC_DB[2]/IO37NPB5V0 EMC_DB[2]/IO60NPB5V0 EMC_DB[2]/IO77NPB5V0 L6 NC GNDQ GNDQ L8 VCC VCC VCC L9 GND GND GND L10 VCC VCC VCC L12 VCC VCC VCC L13 GND GND GND L14 VCC VCC VCC L16 VCCLPXTAL VCCLPXTAL VCCLPXTAL L17 VDDBAT VDDBAT VDDBAT L19 LPXIN LPXIN LPXIN L21 MAINXOUT MAINXOUT MAINXOUT M1 VCCRCOSC VCCRCOSC VCCRCOSC M3 MSS_RESET_N MSS_RESET_N MSS_RESET_N M5 GPIO_5/IO28RSB4V0 GPIO_5/IO42RSB4V0 GPIO_5/IO51RSB4V0 M6 GND GND GND M8 GND GND GND M9 VCC VCC VCC M10 GND GND GND M11 VCC VCC VCC M12 GND GND GND M13 VCC VCC VCC M14 GND GND GND M16 TMS TMS TMS M17 VJTAG VJTAG VJTAG M19 TDO TDO TDO Pin No. CS288 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |