| データシートサーチシステム |
|
IO13PDB0V0 データシート(PDF) 144 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13PDB0V0 データシート(HTML) 144 Page - Microsemi Corporation |
|
144 / 197 page ![]() Pin Descriptions 5- 30 R e v i sio n 1 2 M21 TRSTB TRSTB TRSTB N1 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 N3 GND GND GND N5 GPIO_4/IO29RSB4V0 GPIO_4/IO43RSB4V0 GPIO_4/IO52RSB4V0 N6 GPIO_8/IO25RSB4V0 GPIO_8/IO39RSB4V0 GPIO_8/IO48RSB4V0 N7 GPIO_9/IO24RSB4V0 GPIO_9/IO38RSB4V0 GPIO_9/IO47RSB4V0 N8 VCC VCC VCC N9 GND GND GND N10 VCC VCC VCC N11 GND GND GND N12 VCC VCC VCC N13 GND GND GND N14 VCC VCC VCC N15 GND GND GND N16 TCK TCK TCK N17 TDI TDI TDI N19 GNDENVM GNDENVM GNDENVM N21 VCCENVM VCCENVM VCCENVM P1 GPIO_0/IO33RSB4V0 MAC_MDC/IO48RSB4V0 MAC_MDC/IO57RSB4V0 P3 GPIO_7/IO26RSB4V0 GPIO_7/IO40RSB4V0 GPIO_7/IO49RSB4V0 P5 GPIO_6/IO27RSB4V0 GPIO_6/IO41RSB4V0 GPIO_6/IO50RSB4V0 P6 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 P8 GND GND GND P9 VCC VCC VCC P10 GND GND GND P11 VCC VCC VCC P12 GND GND GND P13 VCC VCC VCC P14 GND GND GND P16 JTAGSEL JTAGSEL JTAGSEL P17 I2C_0_SCL/GPIO_23 I2C_0_SCL/GPIO_23 I2C_0_SCL/GPIO_23 Pin No. CS288 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |