| データシートサーチシステム |
|
IO13PDB0V0 データシート(PDF) 145 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO13PDB0V0 データシート(HTML) 145 Page - Microsemi Corporation |
|
145 / 197 page ![]() SmartFusion Customizable System-on-Chip (cSoC) Re vi s i on 12 5 - 31 P19 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 P21 GND GND GND R1 GPIO_2/IO31RSB4V0 MAC_MDIO/IO49RSB4V0 MAC_MDIO/IO58RSB4V0 R3 GPIO_1/IO32RSB4V0 MAC_TXEN/IO52RSB4V0 MAC_TXEN/IO61RSB4V0 R5 GPIO_3/IO30RSB4V0 MAC_TXD[0]/IO56RSB4V0 MAC_TXD[0]/IO65RSB4V0 R6 GPIO_10/IO35RSB4V0 MAC_CRSDV/IO51RSB4V0 MAC_CRSDV/IO60RSB4V0 R9 GNDA GNDA GNDA R13 GNDA GNDA GNDA R16 UART_1_RXD/GPIO_29 UART_1_RXD/GPIO_29 UART_1_RXD/GPIO_29 R17 UART_1_TXD/GPIO_28 UART_1_TXD/GPIO_28 UART_1_TXD/GPIO_28 R19 I2C_0_SDA/GPIO_22 I2C_0_SDA/GPIO_22 I2C_0_SDA/GPIO_22 R21 I2C_1_SDA/GPIO_30 I2C_1_SDA/GPIO_30 I2C_1_SDA/GPIO_30 T1 GND GND GND T3 NC MAC_TXD[1]/IO55RSB4V0 MAC_TXD[1]/IO64RSB4V0 T5 NC MAC_RXD[1]/IO53RSB4V0 MAC_RXD[1]/IO62RSB4V0 T6 GPIO_11/IO34RSB4V0 MAC_RXER/IO50RSB4V0 MAC_RXER/IO59RSB4V0 T7 NC CM1 CM1 T8 NC ADC1 ADC1 T9 NC GND33ADC0 GND33ADC0 T10 NC VCC15ADC0 VCC15ADC0 T11 GND33ADC0 GND33ADC1 GND33ADC1 T12 VAREF0 VAREF1 VAREF1 T13 ADC7 ADC4 ADC4 T14 TM0 TM3 TM3 T15 SPI_1_SS/GPIO_27 SPI_1_SS/GPIO_27 SPI_1_SS/GPIO_27 T16 VCCMSSIOB2 VCCMSSIOB2 VCCMSSIOB2 T17 UART_0_RXD/GPIO_21 UART_0_RXD/GPIO_21 UART_0_RXD/GPIO_21 T19 UART_0_TXD/GPIO_20 UART_0_TXD/GPIO_20 UART_0_TXD/GPIO_20 T21 I2C_1_SCL/GPIO_31 I2C_1_SCL/GPIO_31 I2C_1_SCL/GPIO_31 U1 NC MAC_RXD[0]/IO54RSB4V0 MAC_RXD[0]/IO63RSB4V0 U3 VCCMSSIOB4 VCCMSSIOB4 VCCMSSIOB4 Pin No. CS288 A2F060 Function A2F200 Function A2F500 Function Notes: 1. Shading denotes pins that do not have completely identical functions from density to density. For example, the bank assignment can be different for an I/O, or the function might be available only on a larger density device. 2. *: Indicates that the signal assigned to the pins as a CLKBUF/CLKBUF_LVPECL/CLKBUF_LVDS goes through a glitchless mux. In order for the glitchless mux to operate correctly, the signal must be a free-running clock signal. Refer to the ’Glitchless MUX’ section in the SmartFusion Microcontroller Subsystem User’s Guide for more details. |